Part Number Hot Search : 
1N522 XXXGXX MC74172B SMBJ22CA M52057FP 74139 MCJ33A ZXLD1601
Product Description
Full Text Search
 

To Download TDA7315D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TDA7315
DIGITAL CONTROLLED AUDIO PROCESSOR
1 STEREO INPUT LOUDNESS FUNCTION VOLUME CONTROL IN 1.25dB STEPS TREBLE AND BASS CONTROL TWO SPEAKERS ATTENUATORS: - INDEPENDENT SPEAKERS CONTROL IN 1.25dB STEPS - INDEPENDENT MUTE FUNCTION ALL FUNCTIONS PROGRAMMABLE VIA SERIAL BUS DESCRIPTION The TDA7315 is a volume, tone (bass and treble) balance (Left/Right) processor for quality audio applications in car radio and Hi-Fi systems. Control is accomplished by serial bus microprocessor interface. The AC signal settingis obtainedby resistor networks BLOCK DIAGRAM
SO20
DIP 20
ORDERING NUMBER: TDA7315 (DIP 20) TDA7315D (SO 20)
and switches combined with operational amplifiers. Thanks to the used BIPOLAR/CMOS Technology, Low Distortion, Low Noise and DC stepping are obtained.
July 1998
1/12
TDA7315
PIN CONNECTION (Top view)
THERMAL DATA
Symbol R th j-pins Parameter Thermal Resistance Junction-pins Max. SO 20 150 DIP 20 150 Unit C/W
ABSOLUTE MAXIMUM RATINGS
Symbol VS T amb Tstg Operating Supply Voltage Operating Ambient Temperature Storage Temperature Range Parameter Value 10.2 -10 to 85 -55 to +150 Unit V C C
QUICK REFERENCE DATA
Symbol VS VCL THD S/N SC Supply Voltage Max. input signal handling Total Harmonic Distortion V = 1Vrms f = 1KHz Signal to Noise Ratio Channel Separation f = 1KHz Volume Control Balance Control Mute Attenuation 1.25dB step 2db step 1.25dB step -78.75 -14 -38.75 100 Bass and Treble Control Parameter Min. 6 2 0.01 106 103 0 +14 0 0.1 Typ. 9 Max. 10 Unit V Vrms % dB dB dB dB dB dB
2/12
TDA7315
TEST CIRCUIT
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb = 25C, VS = 9V, RL = 10K, RG = 600, all controls flat (G = 0), f = 1KHz unless otherwise specified)
Symbol Parameter Test Condition Min. Typ. Max. Unit
SUPPLY
VS IS SVR Supply Voltage Supply Current Ripple Rejection 6 60 9 8 80 10 11 V mA dB
VOLUME CONTROL
R IV C RANGE AVMIN AVMAX ASTEP EA ET VDC Input Resistance Control Range Min. Attenuation Max. Attenuation Step Resolution Attenuation Set Error Tracking Error DC Steps Av = 0 to -20dB Av = -20 to -60dB adjacent attenuation steps From 0dB to Av max 20 70 -1 70 0.5 -1.25 -3 33 75 0 75 1.25 0 50 80 1 80 1.75 1.25 2 2 3 7.5 k dB dB dB dB dB dB dB mV mV
0 0.5
SPEAKER ATTENUATORS
Crange SSTEP EA AMUTE VDC Control Range Step Resolution Attenuation set error Output Mute Attenuation DC Steps adjacent att. steps from 0 to mute 35 0.5 80 37.5 1.25 100 0 1 40 1.75 1.5 3 10 dB dB dB dB mV mV
BASS CONTROL (1)
Gb BSTEP RB Control Range Step Resolution Internal Feedback Resistance Max. Boost/cut +12 1 34 +14 2 44 +16 3 58 dB dB K 3/12
TDA7315
ELECTRICAL CHARACTERISTICS (continued)
Symbol Parameter Test Condition Min. Typ. Max. Unit
TREBLE CONTROL (1)
Gt TSTEP Control Range Step Resolution Max. Boost/cut +13 1 +14 2 +15 3 dB dB
AUDIO OUTPUTS
VOCL RL CL ROUT VOUT Clipping Level Output Load Resistance Output Load Capacitance Output resistance DC Voltage Level 30 4.2 75 4.5 d = 0.3% 2 2 10 120 4.8 2.5 Vrms K nF V
GENERAL
e NO Output Noise BW = 20-20KHz, flat output muted all gains = 0dB A curve all gains = 0dB S/N d Signal to Noise Ratio Distortion all gains = 0dB; VO = 1Vrms AV = 0, VIN = 1Vrms AV = -20dB VIN = 1Vrms V IN = 0.3Vrms 80 AV = 0 to -20dB -20 to -60 dB 2.5 5 3 106 0.01 0.09 0.04 103 0 0 1 2 0.1 0.3 V V V dB % % % dB dB dB
15
Sc
Channel Separation left/right Total Tracking error
BUS INPUTS
V IL VIH IIN VO
Note: (1) Bass and Treble response see attached diagram (fig.19). The center frequency and quality of the resonance behaviour can be choosen by the external circuitry. A standard first order bass response can be realized by a standard feedback network.
Input Low Voltage Input High Voltage Input Current Output Voltage SDA Acknowledge IO = 1.6mA 3 -5
1 +5 0.4
V V A V
Figure 1: Loudness versus Volume Attenuation
Figure 2: Loudnessversus Frequency
4/12
TDA7315
Figure 3: Loudness versus External Capacitors Figure 4: Noise vs. Volume/Gain Settings
LOUDNESS VS = 9V Volume = -40dB All other control flat Cin = 2.2F C loud = 220nF, 100nF, 33nF, 10nF, Open, Shorter to Vref
Figure 6: Distortion & Noise vs. Frequency
Figure 5: Signal to Noise Ratio vs. Volume Setting
Figure 7: Distortion & Noise vs. Frequency
Figure 8: Distortion vs. Load Resistance
5/12
TDA7315
Figure 9: Channel Separation (L R) vs. Frequency Figure 10: Supply Voltage Rejection vs. Frequency
Figure 11: Output Clipping Level vs. Supply Voltage
Figure 12: Quiescent Current vs. Supply Voltage
Figure 13: Supply Current vs. Temperature
Figure 14: Bass Resistance vs. Temperature
6/12
TDA7315
Figure 15: Typical Tone Response (with the ext. components indicated in the test circuit) SOFTWARE SPECIFICATION Interface Protocol The interface protocol comprises: A start condition (S) A chip address byte, containing the TDA7315 address (the 8th bit of the byte must be 0). The TDA7315 must always acknowledge at the end of each transmitted byte. A sequence of data (N-bytes + acknowledge) A stop condition (P)
TDA7315 ADDRESS MSB S 1 0 first byte 0 0 0 0 0 LSB 0 ACK MSB DATA LSB
ACK
MSB DATA
LSB
ACK P
Data Transferred (N-bytes + Acknowledge) ACK = Acknowledge S = Start P = Stop MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION Chip address = 80 Hex
1 MSB 0 0 0 0 0 0 0 LSB
DATA BYTES MSB 0 1 1 0 0 0 0 0 0 1 1 1 B2 0 1 0 1 1 B1 B1 B1 X 0 1 B0 B0 B0 X C3 C3 A2 A2 A2 L C2 C2 A1 A1 A1 X C1 C1 LSB A0 A0 A0 X C0 C0 FUNCTION Volume control Speaker ATT L Speaker ATT R Loudness Bass control Treble control
Ax = 1.25dB steps; Bx = 10dB steps; Cx = 2dB steps; X = don`t care.
7/12
TDA7315
SOFTWARE SPECIFICATION (continued) DATA BYTES (detailed description) Volume
MSB 0 0 B2 B1 B0 A2 0 0 0 0 1 1 1 1 0 0 B2 0 0 0 0 1 1 1 1 B1 0 0 1 1 0 0 1 1 B0 0 1 0 1 0 1 0 1 A2 A1 0 0 1 1 0 0 1 1 A1 LSB A0 0 1 0 1 0 1 0 1 A0 FUNCTION Volume 1.25dB steps 0 -1.25 -2.5 -3.75 -5 -6.25 -7.5 -8.75 Volume 10dB steps 0 -10 -20 -30 -40 -50 -60 -70
For example a volume of -45dB is given by: 00100100
Speaker Attenuators
MSB 1 1 0 0 0 1 B1 B1 B0 B0 A2 A2 0 0 0 0 1 1 1 1 0 0 1 1 1 0 1 0 1 1 1 1 1 A1 A1 0 0 1 1 0 0 1 1 LSB A0 A0 0 1 0 1 0 1 0 1 FUNCTION Speaker L Speaker R 0 -1.25 -2.5 -3.75 -5 -6.25 -7.5 -8.75 0 -10 -20 -30 Mute
For example attenuation of 25dB on speaker R is given by: 10110100
8/12
TDA7315
Loudness
MSB 0 1 0 X X L 0 1 X LSB X LOUDNESS ON LOUDNESS OFF FUNCTION
x = don`t care For examples Loudness Off can be programmed by the following 8 bit string: 01000100
Bass and Treble
0 0 1 1 1 1 0 1 C3 C3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 C2 C2 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 C1 C1 0 0 1 1 0 0 1 1 1 1 0 0 1 1 0 0 C0 C0 0 1 0 1 0 1 0 1 1 0 1 0 1 0 1 0 Bass Treble -14 -12 -10 -8 -6 -4 -2 0 0 2 4 6 8 10 12 14
C3 = Sign For example Bass at -10dB is obtained by the following 8 bit string: 01100010
9/12
TDA7315
SO20 PACKAGE MECHANICAL DATA
DIM. MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4 1.27 10.65 0.75 1.27 0.394 0.010 0.016 mm TYP. MAX. 2.65 0.3 0.51 0.32 13 7.6 MIN. 0.093 0.004 0.013 0.009 0.496 0.291 0.050 0.419 0.030 0.050 inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299
0 (min.)8 (max.)
L
h x 45
A B e K H D A1 C
20
11 E
1
10
SO20MEC
10/12
TDA7315
DIP20 PACKAGE MECHANICAL DATA
DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 mm TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
11/12
TDA7315
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
12/12


▲Up To Search▲   

 
Price & Availability of TDA7315D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X